Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 156 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 152Page - Renesas Technology Corp H8S/2112 Datasheet HTML 153Page - Renesas Technology Corp H8S/2112 Datasheet HTML 154Page - Renesas Technology Corp H8S/2112 Datasheet HTML 155Page - Renesas Technology Corp H8S/2112 Datasheet HTML 156Page - Renesas Technology Corp H8S/2112 Datasheet HTML 157Page - Renesas Technology Corp H8S/2112 Datasheet HTML 158Page - Renesas Technology Corp H8S/2112 Datasheet HTML 159Page - Renesas Technology Corp H8S/2112 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 894 page
background image
Section 6 Interrupt Controller
Rev. 1.00 Mar. 18, 2008 Page 132 of 866
REJ09B0451-0100
(1)
Interrupt Acceptance Control and 3-Level Control
In interrupt control modes 0 and 1, interrupt acceptance control and 3-level mask control is
performed by means of the I and UI bits in CCR and ICR (control level).
Table 6.8 shows the interrupts selected in each interrupt control mode.
Table 6.8
Interrupts Selected in Each Interrupt Control Mode
Interrupt Mask Bits
Interrupt Control Mode I
UI
Selected Interrupts
0
*
All interrupts (interrupt control level 1 has
priority)
0
1
*
NMI and address break interrupts
0
*
All interrupts (interrupt control level 1 has
priority)
1
0
NMI, address break, and interrupt control level 1
interrupts
1
1
NMI and address break interrupts
[Legend]
*: Don't care
(2)
Default Priority Determination
The priority is determined for the selected interrupt, and a vector number is generated.
If the same value is set for ICR, acceptance of multiple interrupts is enabled, and so only the
interrupt source with the highest priority according to the preset default priorities is selected and
has a vector number generated.
Interrupt sources with a lower priority than the accepted interrupt source are held pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com