Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 158 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 154Page - Renesas Technology Corp H8S/2112 Datasheet HTML 155Page - Renesas Technology Corp H8S/2112 Datasheet HTML 156Page - Renesas Technology Corp H8S/2112 Datasheet HTML 157Page - Renesas Technology Corp H8S/2112 Datasheet HTML 158Page - Renesas Technology Corp H8S/2112 Datasheet HTML 159Page - Renesas Technology Corp H8S/2112 Datasheet HTML 160Page - Renesas Technology Corp H8S/2112 Datasheet HTML 161Page - Renesas Technology Corp H8S/2112 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 894 page
background image
Section 6 Interrupt Controller
Rev. 1.00 Mar. 18, 2008 Page 134 of 866
REJ09B0451-0100
7. The CPU generates a vector address for the accepted interrupt request and starts execution of
the interrupt handling routine at the address indicated by the contents of the vector address in
the vector table.
Program execution state
Interrupt generated?
NMI
An interrupt with interrupt
control level 1?
IRQ0
IRQ1
IBFI3
IRQ0
IRQ1
IBFI3
I = 0
Save PC and CCR
I
1
Read vector address
Branch to interrupt handling routine
Yes
No
Yes
Yes
Yes
No
No
Yes
No
Yes
No
Yes
Yes
No
No
Yes
Yes
No
Hold pending
Figure 6.7 Flowchart of Procedure up to Interrupt Acceptance in Interrupt Control Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com