Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 240 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 236Page - Renesas Technology Corp H8S/2112 Datasheet HTML 237Page - Renesas Technology Corp H8S/2112 Datasheet HTML 238Page - Renesas Technology Corp H8S/2112 Datasheet HTML 239Page - Renesas Technology Corp H8S/2112 Datasheet HTML 240Page - Renesas Technology Corp H8S/2112 Datasheet HTML 241Page - Renesas Technology Corp H8S/2112 Datasheet HTML 242Page - Renesas Technology Corp H8S/2112 Datasheet HTML 243Page - Renesas Technology Corp H8S/2112 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 894 page
background image
Section 9 8-Bit PWM Timer (PWMU)
Rev. 1.00 Mar. 18, 2008 Page 216 of 866
REJ09B0451-0100
Clock
generator
PRELAT0
CNT0
REGLAT0
Comparator 0
PWMU00
(Output disabled)
PRELAT1
CNT1
REGLAT1
Comparator 1
PWMU01
Figure 9.3 Block Diagram of 12 and 16-bit Single Pulse Mode
When the PWMnE bit (n = 0 to 5) in PWMOUTCR is set to 1, the PWMU outputs pulses that start
with a high level. The updated PWMREG value is written in REGLAT, and the updated
PWMPRE value is written in PRELAT.
When the REGLAT value is less than the duty counter value, the PWMU outputs a high level
(when direct output is selected). At each PWM clock timing, the duty counter is incremented.
When the clock generator counter is H'00, the PWM clock is generated by decrementing the
PRELAT value.
Figure 9.4 shows an example of duty counter and clock generator counter operation.
H'78
φ
φ/4
Duty
counter
Clock generator
counter
PRELAT
REGLAT
PWMUO
H'79
H'80
H'80
H'81
H'01
H'01
H'01
H'01
H'01
H'00
H'00
H'00
H'00
Figure 9.4 Example of Duty Counter and Clock Generator Counter Operation
(When PWMPRE = H'01 and PWMREG = H'80 with
φ/4 Selected as Count Clock Source)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com