Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 237 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 233Page - Renesas Technology Corp H8S/2112 Datasheet HTML 234Page - Renesas Technology Corp H8S/2112 Datasheet HTML 235Page - Renesas Technology Corp H8S/2112 Datasheet HTML 236Page - Renesas Technology Corp H8S/2112 Datasheet HTML 237Page - Renesas Technology Corp H8S/2112 Datasheet HTML 238Page - Renesas Technology Corp H8S/2112 Datasheet HTML 239Page - Renesas Technology Corp H8S/2112 Datasheet HTML 240Page - Renesas Technology Corp H8S/2112 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 894 page
background image
Section 9 8-Bit PWM Timer (PWMU)
Rev. 1.00 Mar. 18, 2008 Page 213 of 866
REJ09B0451-0100
9.3.8
PWM Duty Setting Registers 0 to 5 (PWMREG0 to PWMREG5)
PWMREG are 8-bit readable/writable registers used to set the high period (duty) of the PWM
output pulse. The initial value is H'00.
(1)
8-Bit Single Pulse Mode
Directly set the high period of the pulse for PWM output. With PWMREG registers, the duty
cycle of the PWM output pulse is specified as a value from 0/255 to 255/255 with a resolution of
1/255.
When the PWMREG value is m, the high period of the output pulse is calculated as follows:
Output pulse high period = (PWM cycle
× m) / 255 (0 ≤ m ≤ 255)
(2)
12-Bit Single Pulse Mode
Directly set the high period of the pulse for PWM output. With PWMREG registers, the duty
cycle of the PWM output pulse is specified as a value from 0/4095 to 4095/4095 with a resolution
of 1/4095.
When the PWMREG value is m, the high period of the output pulse is calculated as follows:
Output pulse high period = (PWM cycle
× m) / 4095 (0 ≤ m ≤ 4095)
Set the respective high-level pulse periods by using the following register combinations:
PWMREG1 (higher order) and PWMREG0 (lower order), PWMREG3 (higher order) and
PWMREG2 (lower order), and PWMREG5 (higher order) and PWMREG4 (lower order).
Note:
Setting of the bits 3 to 0 in the higher order registers and lower order registers is enabled.
The bits 7 to 4 in the higher order registers are disabled. The higher order registers must be
set after setting the lower order registers, otherwise the output performance is not as
desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com