Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 246 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 242Page - Renesas Technology Corp H8S/2112 Datasheet HTML 243Page - Renesas Technology Corp H8S/2112 Datasheet HTML 244Page - Renesas Technology Corp H8S/2112 Datasheet HTML 245Page - Renesas Technology Corp H8S/2112 Datasheet HTML 246Page - Renesas Technology Corp H8S/2112 Datasheet HTML 247Page - Renesas Technology Corp H8S/2112 Datasheet HTML 248Page - Renesas Technology Corp H8S/2112 Datasheet HTML 249Page - Renesas Technology Corp H8S/2112 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 894 page
background image
Section 9 8-Bit PWM Timer (PWMU)
Rev. 1.00 Mar. 18, 2008 Page 222 of 866
REJ09B0451-0100
9.5
Usage Note
9.5.1
Setting Module Stop Mode
The module stop control register can be used to enable or disable PWMU operation. The default
setting disables PWMU operation. Clearing the module stop mode enables registers to be
accessed. For details, see section 24, Power-Down Modes.
9.5.2
Note on Using 16-Bit/12-Bit Single-Pulse PWM Timer
When the duty cycle is to be changed in usage of a 16-bit/12-bit single-pulse PWM timer, the
higher- and lower-order eight bits must be individually written to the respective PWMREGn (n =
0 to 5) registers. There will thus be a time lag between the write operations, and this may lead to
the output of a pulse waveform with a duty cycle other than the intended one during the
corresponding period.
Also, care must be taken to ensure that there are no interrupts while writing to PWMREGn is in
progress, since interrupt processing can lead to the continued output of pulses with a duty cycle
other than the intended one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com