Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 247 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 243Page - Renesas Technology Corp H8S/2112 Datasheet HTML 244Page - Renesas Technology Corp H8S/2112 Datasheet HTML 245Page - Renesas Technology Corp H8S/2112 Datasheet HTML 246Page - Renesas Technology Corp H8S/2112 Datasheet HTML 247Page - Renesas Technology Corp H8S/2112 Datasheet HTML 248Page - Renesas Technology Corp H8S/2112 Datasheet HTML 249Page - Renesas Technology Corp H8S/2112 Datasheet HTML 250Page - Renesas Technology Corp H8S/2112 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 894 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Mar. 18, 2008 Page 223 of 866
REJ09B0451-0100
Section 10 16-Bit Timer Pulse Unit (TPU)
This LSI has an on-chip 16-bit timer pulse unit (TPU) that comprises three 16-bit timer channels.
The function list of the 16-bit timer unit and its block diagram are shown in table 10.1 and figure
10.1, respectively.
10.1
Features
• Maximum 8-pulse input/output
• Selection of eight counter input clocks for channels 0 and 2, seven counter input clocks for
channel 1
• The following operations can be set for each channel:
 Waveform output at compare match
 Input capture function
 Counter clear operation
 Multiple timer counters (TCNT) can be written to simultaneously
 Simultaneous clearing by compare match and input capture possible
 Register simultaneous input/output possible by counter synchronous operation
 Maximum of 7-phase PWM output possible by combination with synchronous operation
• Buffer operation settable for channel 0
• Phase counting mode settable independently for each of channels 1 and 2
• Fast access via internal 16-bit bus
• 13 interrupt sources
• Automatic transfer of register data
• A/D converter conversion start trigger can be generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com