Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 318 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 314Page - Renesas Technology Corp H8S/2112 Datasheet HTML 315Page - Renesas Technology Corp H8S/2112 Datasheet HTML 316Page - Renesas Technology Corp H8S/2112 Datasheet HTML 317Page - Renesas Technology Corp H8S/2112 Datasheet HTML 318Page - Renesas Technology Corp H8S/2112 Datasheet HTML 319Page - Renesas Technology Corp H8S/2112 Datasheet HTML 320Page - Renesas Technology Corp H8S/2112 Datasheet HTML 321Page - Renesas Technology Corp H8S/2112 Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 894 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 Mar. 18, 2008 Page 294 of 866
REJ09B0451-0100
11.3
Register Descriptions
The TCMs have the following registers.
Table 11.2
Register Configuration
Channel
Register Name
Abbreviation
R/W
Initial
Value
Address
Data Bus
Width
TCM timer counter_0
TCMCNT_0
R/W
H'0000
H'FBC0
16
TCM cycle upper limit register_0
TCMMLCM_0
R/W
H'FFFF H'FBC2
16
TCM cycle lower limit register_0
TCMMINCM_0 R/W
H'0000
H'FBCC
16
TCM input capture register_0
TCMICR_0
R
H'0000
H'FBC4
16
TCM input capture buffer
register_0
TCMICRF_0
R
H'0000
H'FBC6
16
TCM status register_0
TCMCSR_0
R/W
H'00
H'FBC8
8
TCM control register_0
TCMCR_0
R/W
H'00
H'FBC9
8
Channel 0
TCM interrupt enable register_0
TCMIER_0
R/W
H'00
H'FBCA
8
TCM timer counter_1
TCMCNT_1
R/W H'0000
H'FBD0
16
TCM cycle upper limit register_1
TCMMLCM_1
R/W H'FFFF
H'FBD2
16
TCM cycle lower limit register_1
TCMMINCM_1 R/W H'0000
H'FBDC
16
TCM input capture register_1
TCMICR_1
R
H'0000
H'FBD4
16
TCM input capture buffer
register_1
TCMICRF_1
R
H'0000
H'FBD6
16
TCM status register_1
TCMCSR_1
R/W H'00
H'FBD8
8
TCM control register_1
TCMCR_1
R/W H'00
H'FBD9
8
Channel 1
TCM interrupt enable register_1
TCMIER_1
R/W H'00
H'FBDA
8
TCM timer counter_2
TCMCNT_2
R/W H'0000
H'FBE0
16
TCM cycle upper limit register_2
TCMMLCM_2
R/W H'FFFF
H'FBE2
16
TCM cycle lower limit register_2
TCMMINCM_2 R/W H'0000
H'FBEC
16
TCM input capture register_2
TCMICR_2
R
H'0000
H'FBE4
16
TCM input capture buffer
register_2
TCMICRF_2
R
H'0000
H'FBE6
16
TCM status register_2
TCMCSR_2
R/W H'00
H'FBE8
8
TCM control register_2
TCMCR_2
R/W H'00
H'FBE9
8
Channel 2
TCM interrupt enable register_2
TCMIER_2
R/W H'00
H'FBEA
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com