Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 319 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 315Page - Renesas Technology Corp H8S/2112 Datasheet HTML 316Page - Renesas Technology Corp H8S/2112 Datasheet HTML 317Page - Renesas Technology Corp H8S/2112 Datasheet HTML 318Page - Renesas Technology Corp H8S/2112 Datasheet HTML 319Page - Renesas Technology Corp H8S/2112 Datasheet HTML 320Page - Renesas Technology Corp H8S/2112 Datasheet HTML 321Page - Renesas Technology Corp H8S/2112 Datasheet HTML 322Page - Renesas Technology Corp H8S/2112 Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 894 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 Mar. 18, 2008 Page 295 of 866
REJ09B0451-0100
11.3.1
TCM Timer Counter (TCMCNT)
TCMCNT is a 16-bit readable/writable up-counter. The input clock is selected by the bits CKS2 to
CKS0 in TCMCR. When CKS2 to CKS0 are set to B'111, the external clock is selected. In this
case, the rising or falling edge is selected by CKSEG in TCMCR.
When TCMCNT overflows (counting changes the value from H'FFFF to H'0000), OVF in
TCMCSR is set to 1. When the CST bit in TCMCR is cleared in timer mode, TCMCR is
initialized to H'0000. In cycle measurement mode, TCMCNT is cleared by detection of the first
edge (the edge selected with the IEDG bit in TCMCR) of the measurement period (one period of
the input waveform forms one measurement period).
In timer mode, TCMCNT is always writable. TCMCNT cannot be modified in cycle measurement
mode. TCMCNT should always be accessed in 16-bit units and cannot be accessed in 8-bit units.
TCMCNT is initialized to H'0000.
11.3.2
TCM Cycle Upper Limit Register (TCMMLCM)
TCMMLCM is a 16-bit readable/writable register. TCMMLCM is available as a compare match
register when the TCMMDS bit in TCMCR is cleared (operation is in timer mode). TCMMLCM
is available as a cycle upper limit register when the TCMMDS bit in TCMCR is set to 1 (operation
is in cycle measurement mode).
In timer mode, the value in TCMMLCM is constantly compared with that in TCMCNT, when the
values match, CMF in TCMCSR is set to 1. However, comparison is disabled in the second half of
a cycle of writing to TCMMLCM.
In cycle measurement mode, a value that sets an upper limit on the measurement period can be set
in TCMMLCM. When the second edge (first edge of the following cycle) of the measurement
period is detected, the value in TCMCNT is transferred to TCMICR. At this time, the values in
TCMICR and TCMMLCM are compared. The MAXOVF flag in TCMCSR is set to 1 if the value
in TCMICR is greater than that in TCMMLCM. TCMMLCM should always be accessed in 16-bit
units and cannot be accessed in 8-bit units. TCMMLCM is initialized to H'FFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com