Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 324 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 320Page - Renesas Technology Corp H8S/2112 Datasheet HTML 321Page - Renesas Technology Corp H8S/2112 Datasheet HTML 322Page - Renesas Technology Corp H8S/2112 Datasheet HTML 323Page - Renesas Technology Corp H8S/2112 Datasheet HTML 324Page - Renesas Technology Corp H8S/2112 Datasheet HTML 325Page - Renesas Technology Corp H8S/2112 Datasheet HTML 326Page - Renesas Technology Corp H8S/2112 Datasheet HTML 327Page - Renesas Technology Corp H8S/2112 Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 894 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 Mar. 18, 2008 Page 300 of 866
REJ09B0451-0100
Bit
Bit Name
Initial
Value
R/W
Description
4
IEDG
0
R/W
Input Edge Select
In timer mode, selects the falling or rising edge of the
TCMCYI input for use in input capture, in combination with
the value of the POCTL bit.
In cycle measurement mode, selects the falling or rising
edge of the TCMCYI input for use in measurement, in
combination with the value of the POCTL bit.
POCTL
= 0
0: Selects the rising edge of the TCMCYI input
1: Selects the falling edge of the TCMCYI input
POCTL
= 1
0: Selects the falling edge of the TCMCYI input
1: Selects the rising edge of the TCMCYI input
3
TCMMDS
0
R/W
TCM Mode Select
Selects the TCM operating mode.
0: Timer mode
The TCM provides compare match and input capture
facilities.
1: Cycle measurement mode
Setting this bit to 1 starts counting by TCMCNT. TCMCNT
should be initialized to H'0000. Clear the CST in TCMCR
to 0 before setting to cycle measurement mode.
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2, 1, 0
Selects the clock signal for input to TCMCNT.
Note: Modify this bit when CST
= 0 and TCMMDS = 0
000: Count
φ/2 internal clock
001: Count
φ/8 internal clock
010: Count
φ/16 internal clock
011: Count
φ/32 internal clock
100: Count
φ/64 internal clock
101: Count
φ/128 internal clock
110: Count
φ/256 internal clock
111: Count external clock (select the external clock edge
with CKSEG in TCMCSR.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com