Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 327 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 323Page - Renesas Technology Corp H8S/2112 Datasheet HTML 324Page - Renesas Technology Corp H8S/2112 Datasheet HTML 325Page - Renesas Technology Corp H8S/2112 Datasheet HTML 326Page - Renesas Technology Corp H8S/2112 Datasheet HTML 327Page - Renesas Technology Corp H8S/2112 Datasheet HTML 328Page - Renesas Technology Corp H8S/2112 Datasheet HTML 329Page - Renesas Technology Corp H8S/2112 Datasheet HTML 330Page - Renesas Technology Corp H8S/2112 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 894 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 Mar. 18, 2008 Page 303 of 866
REJ09B0451-0100
11.4
Operation
The TCM operates in timer mode or cycle measurement mode. TCM is in timer mode after a reset.
11.4.1
Timer Mode
When the TCMMDS bit in TCMCR is cleared to 0, TCM operates in timer mode.
(1)
Counter Operation
TCMCNT operates as a free running counter in timer mode. TCMCNT starts counting up when
the CST bit in TCMCR is set to 1. When TCMCNT overflows (the value changes from H'FFFF to
H'0000), the OVF bit in TCMCSR is set to 1 and an interrupt request is generated if the OVIE bit
in TCMIER is 1. Figure 11.2 shows an example of free running counter operation. In addition,
figure 11.3 shows TCMCNT count timing of external clock operation. The external clock should
have a pulse width of no less than 1.5 cycles. The counter will not operate correctly if the pulses
are narrower than this.
φ
φ/4
TCMCNT
input clock
TCMCNT
N - 1
N
N + 1
Figure 11.2 Example of Free Running Counter Operation
φ
TCMCKI
TCMCNT
input clock
TCMCNT
N - 1
N
N + 1
Figure 11.3 Count Timing of External Clock Operation (Falling Edges)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com