Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 327 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 323Page - Renesas Technology Corp H8S/2117R Datasheet HTML 324Page - Renesas Technology Corp H8S/2117R Datasheet HTML 325Page - Renesas Technology Corp H8S/2117R Datasheet HTML 326Page - Renesas Technology Corp H8S/2117R Datasheet HTML 327Page - Renesas Technology Corp H8S/2117R Datasheet HTML 328Page - Renesas Technology Corp H8S/2117R Datasheet HTML 329Page - Renesas Technology Corp H8S/2117R Datasheet HTML 330Page - Renesas Technology Corp H8S/2117R Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 1024 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Apr. 28, 2008 Page 301 of 994
REJ09B0452-0100
10.8.8
Conflict between TGR Write and Input Capture
If the input capture signal is generated in the T
2 state of a TGR write cycle, the input capture
operation takes precedence and the write to TGR is not performed. Figure 10.49 shows the timing
in this case.
Input capture
signal
Write signal
Address
φ
TCNT
TGR write cycle
T1
T2
M
TGR
M
TGR address
Figure 10.49 Conflict between TGR Write and Input Capture
10.8.9
Conflict between Buffer Register Write and Input Capture
If the input capture signal is generated in the T
2 state of a buffer register write cycle, the buffer
operation takes precedence and the write to the buffer register is not performed. Figure 10.50
shows the timing in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com