Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 24 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 20Page - Renesas Technology Corp H8S/2117R Datasheet HTML 21Page - Renesas Technology Corp H8S/2117R Datasheet HTML 22Page - Renesas Technology Corp H8S/2117R Datasheet HTML 23Page - Renesas Technology Corp H8S/2117R Datasheet HTML 24Page - Renesas Technology Corp H8S/2117R Datasheet HTML 25Page - Renesas Technology Corp H8S/2117R Datasheet HTML 26Page - Renesas Technology Corp H8S/2117R Datasheet HTML 27Page - Renesas Technology Corp H8S/2117R Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 1024 page
background image
Rev. 1.00 Apr. 28, 2008 Page xxiv of xxvi
21.6
Interrupt Sources................................................................................................................ 725
21.7
Usage Note......................................................................................................................... 725
21.7.1 Longword Transfer in FW Memory Write Cycles................................................ 725
Section 22 A/D Converter ................................................................................. 727
22.1
Features.............................................................................................................................. 727
22.2
Input/Output Pins...............................................................................................................729
22.3
Register Descriptions ......................................................................................................... 730
22.3.1 A/D Data Registers A to H (ADDRA to ADDRH) .............................................. 731
22.3.2 A/D Control/Status Register (ADCSR) ................................................................ 732
22.3.3 A/D Control Register (ADCR) ............................................................................. 734
22.4
Operation ........................................................................................................................... 735
22.4.1 Single Mode.......................................................................................................... 735
22.4.2 Scan Mode ............................................................................................................ 736
22.4.3 Input Sampling and A/D Conversion Time .......................................................... 737
22.5
Interrupt Source ................................................................................................................. 739
22.6
A/D Conversion Accuracy Definitions .............................................................................. 739
22.7
Usage Notes ....................................................................................................................... 741
22.7.1 Module Stop Mode Setting ................................................................................... 741
22.7.2 Permissible Signal Source Impedance .................................................................. 741
22.7.3 Influences on Absolute Accuracy ......................................................................... 742
22.7.4 Setting Range of Analog Power Supply and Other Pins....................................... 742
22.7.5 Notes on Board Design ......................................................................................... 742
22.7.6 Notes on Noise Countermeasures ......................................................................... 743
22.7.7 Module Stop Mode Setting ................................................................................... 744
22.7.8 Note on activation of the A/D converter by an external trigger............................ 745
Section 23 RAM ................................................................................................ 747
Section 24 Flash Memory.................................................................................. 749
24.1
Features.............................................................................................................................. 749
24.2
Mode Transition Diagram.................................................................................................. 750
24.3
Flash Memory MAT Configuration ................................................................................... 752
24.4
Block Structure .................................................................................................................. 753
24.5
Programming/Erasing Interface ......................................................................................... 754
24.6
Input/Output Pins...............................................................................................................756
24.7
Register Descriptions ......................................................................................................... 757
24.7.1 Programming/Erasing Interface Registers ............................................................ 759
24.7.2 Programming/Erasing Interface Parameters ......................................................... 765
24.8
On-Board Programming Mode .......................................................................................... 776



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More