Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 27 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 23Page - Renesas Technology Corp H8S/2117R Datasheet HTML 24Page - Renesas Technology Corp H8S/2117R Datasheet HTML 25Page - Renesas Technology Corp H8S/2117R Datasheet HTML 26Page - Renesas Technology Corp H8S/2117R Datasheet HTML 27Page - Renesas Technology Corp H8S/2117R Datasheet HTML 28Page - Renesas Technology Corp H8S/2117R Datasheet HTML 29Page - Renesas Technology Corp H8S/2117R Datasheet HTML 30Page - Renesas Technology Corp H8S/2117R Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 1024 page
background image
Section 1 Overview
Rev. 1.00 Apr. 28, 2008 Page 1 of 994
REJ09B0452-0100
Section 1 Overview
1.1
Features
The core of each product in the H8S/2117R Group of CISC (complex instruction set computer)
microcomputers is an H8S/2600 CPU, which has an internal 16-bit architecture. The H8S/2600
CPU provides upward-compatibility with the CPUs of other Renesas Technology-original
microcomputers; H8/300, H8/300H, and H8S.
As peripheral functions, each LSI of the group includes a serial communication interface with
FIFO, an I
2C bus interface, an A/D converter, and various types of timers. Together, the modules
realize low-cost system configurations. The power consumption of these modules is kept down
dynamically by power-down modes. The on-chip ROM is a flash memory (F-ZTAT
TM*) with a
capacity of 160 Kbytes.
Note: * F-ZTAT
TM is a trademark of Renesas Technology Corp.
1.1.1
Applications
Examples of the applications of this LSI include PC peripheral equipment, office automation
equipment, and industrial equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com