Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 93 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 89Page - Renesas Technology Corp H8S/2117R Datasheet HTML 90Page - Renesas Technology Corp H8S/2117R Datasheet HTML 91Page - Renesas Technology Corp H8S/2117R Datasheet HTML 92Page - Renesas Technology Corp H8S/2117R Datasheet HTML 93Page - Renesas Technology Corp H8S/2117R Datasheet HTML 94Page - Renesas Technology Corp H8S/2117R Datasheet HTML 95Page - Renesas Technology Corp H8S/2117R Datasheet HTML 96Page - Renesas Technology Corp H8S/2117R Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 1024 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Apr. 28, 2008 Page 67 of 994
REJ09B0452-0100
Section 3 MCU Operating Modes
3.1
Operating Mode Selection
This LSI supports three operating modes (modes 2, 4, and 6). The operating mode is determined
by the setting of the mode pins (MD2 and MD1). Table 3.1 shows the MCU operating mode
selection.
Table 3.1
MCU Operating Mode Selection
MCU Operating
Mode
MD2 MD1 MD0*
CPU Operating
Mode
Description
On-Chip ROM
2
0
1
0
Advanced
Single-chip mode
Enabled
4
1
0
0
Flash memory
programming/erasing
6
1
1
0
Emulation
On-chip emulation mode
Enabled
Note:
*
MD0 is not available as a pin and is internally fixed to 0.
Modes 2 is single-chip mode.
Modes 0, 1, 3, 5 and 7 are not available in this LSI. Modes 4 and 6 are operating modes for a
special purpose. Thus, mode pins should be set to enable mode 2 in the normal program execution
state. Mode pin settings should not be changed during operation. After a reset is canceled, the
mode pin inputs should be latched by reading MDCR.
Mode 4 is a boot mode for programming or erasing the flash memory. For details, see section 24,
Flash Memory.
Mode 6 is an on-chip emulation mode. In this mode, this LSI is controlled by an on-chip emulator
(E10A) via the JTAG, thus enabling on-chip emulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com