Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 51 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 47Page - Renesas Technology Corp H8S/2117R Datasheet HTML 48Page - Renesas Technology Corp H8S/2117R Datasheet HTML 49Page - Renesas Technology Corp H8S/2117R Datasheet HTML 50Page - Renesas Technology Corp H8S/2117R Datasheet HTML 51Page - Renesas Technology Corp H8S/2117R Datasheet HTML 52Page - Renesas Technology Corp H8S/2117R Datasheet HTML 53Page - Renesas Technology Corp H8S/2117R Datasheet HTML 54Page - Renesas Technology Corp H8S/2117R Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 1024 page
background image
Section 1 Overview
Rev. 1.00 Apr. 28, 2008 Page 25 of 994
REJ09B0452-0100
Pin No.
Type
Symbol
TFP-144V
BP-176V
TLP-145V
I/O
Name and Function
SCL0
SCL1
SCL2
ExSCLA
ExSCLB
14
135
55
53
51
F2
B6
P8
M8
R7
E4
C6
K7
N6
L6
Input/
Output
I
2C clock I/O pins. The output
type is NMOS open-drain.
To which pin the clock is
input or output can be
selected from the SCL0,
SCL1, ExSCLA, and
ExSCLB pins.
I
2C bus
interface
(IIC)
SDA0
SDA1
SDA2
ExSDAA
ExSDAB
17
138
56
54
52
G2
D5
N9
R8
P7
F1
B4
K8
K6
M7
Input/
Output
I
2C data I/O pins. The output
type is NMOS open-drain.
To which pin the clock is
input or output can be
selected from the SDA0,
SDA1, ExSDAA, and
ExSDAB pins.
P17 to
P10
104 to 110,
112
C15, D12,
C14, B15,
B14, A15,
C13, B12
D10, C12,
C13, D11,
B13, A12,
A13, B12
Input/
Output
8-bit input/output pins
P27 to
P20
96 to 103
F14, E13,
E15, E14,
E12, D15,
D14, D13
E10, F13,
E12, E13,
F11, D12,
E11, D13
Input/
Output
8-bit input/output pins
P37 to
P30
128 to 121 D7, A8,
C8, D8,
B9, A9, C9,
D9
D6, D7,
D8, A8,
B7, C8,
D9, A9
Input/
Output
8-bit input/output pins
P47 to
P40
6 to 2,
138 to 136
C1, D3,
C2, B1,
C3, D5,
B5, A5
C3, C1,
B2, C2,
A1, B4,
A5, D7
Input/
Output
8-bit input/output pins
(The output type of P42 is
NMOS push-pull.)
P52 to
P50
14 to 16
F2, G4, G1 E4, F3,
G2
Input/
Output
3-bit input/output pins
(The output type of P52 is
NMOS push-pull.)
I/O port
P67 to
P60
85 to 78
J13, J12,
K14, K13,
K12, L15,
L14, L13
H12, J11,
J10, K13,
J12, K11,
K12, L13
Input/
Output
8-bit input/output pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com