Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 99 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 95Page - Renesas Technology Corp H8S/2117R Datasheet HTML 96Page - Renesas Technology Corp H8S/2117R Datasheet HTML 97Page - Renesas Technology Corp H8S/2117R Datasheet HTML 98Page - Renesas Technology Corp H8S/2117R Datasheet HTML 99Page - Renesas Technology Corp H8S/2117R Datasheet HTML 100Page - Renesas Technology Corp H8S/2117R Datasheet HTML 101Page - Renesas Technology Corp H8S/2117R Datasheet HTML 102Page - Renesas Technology Corp H8S/2117R Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 1024 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Apr. 28, 2008 Page 73 of 994
REJ09B0452-0100
3.2.4
System Control Register 3 (SYSCR3)
SYSCR3 selects the register map and interrupt vector.
Bit
Bit Name
Initial
Value
R/W
Description
7
—
0
R/W
Reserved
The initial value should not be changed.
6
EIVS*
1
R/W
Extended interrupt Vector Select*
Selects compatible mode or extended mode for the
interrupt vector table.
0: H8S/2140B Group compatible vector mode
1: Extended vector mode
For details, see section 5, Interrupt Controller.
5
RELOCATE
1
R/W
Register Address Map Select
Selects compatible mode or extended mode for the
register map.
When extended mode is selected for the register map,
CPU access for registers can be controlled without
using the KINWUE bit in SYSCR or the IICE bit in
STCR to switch the registers to be accessed.
0: H8S/2140B Group compatible register map mode
1: Extended register map mode
For details, see section 27, List of Registers.
4 to 0 —
All 0
R/W
Reserved
The initial value should not be changed.
Note:
*
Switch the modes when an interrupt occurrence is disabled.
3.3
Operating Mode Descriptions
3.3.1
Mode 2
The CPU can access a 16-Mbyte address space in either advanced mode or single-chip mode. The
on-chip ROM is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com