Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 22 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 18Page - Renesas Technology Corp H8S/2117R Datasheet HTML 19Page - Renesas Technology Corp H8S/2117R Datasheet HTML 20Page - Renesas Technology Corp H8S/2117R Datasheet HTML 21Page - Renesas Technology Corp H8S/2117R Datasheet HTML 22Page - Renesas Technology Corp H8S/2117R Datasheet HTML 23Page - Renesas Technology Corp H8S/2117R Datasheet HTML 24Page - Renesas Technology Corp H8S/2117R Datasheet HTML 25Page - Renesas Technology Corp H8S/2117R Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 1024 page
background image
Rev. 1.00 Apr. 28, 2008 Page xxii of xxvi
19.4.10 First KCLK Falling Interrupt ................................................................................ 609
19.5
Usage Notes ....................................................................................................................... 613
19.5.1 KBIOE Setting and KCLK Falling Edge Detection ............................................. 613
19.5.2 KD Output by KDO bit (KBCRL) and by Automatic Transmission .................... 614
19.5.3 Module Stop Mode Setting ................................................................................... 614
19.5.4 Medium-Speed Mode ........................................................................................... 614
19.5.5 Transmit Completion Flag (KBTE) ...................................................................... 614
Section 20 LPC Interface (LPC)........................................................................ 615
20.1
Features.............................................................................................................................. 615
20.2
Input/Output Pins...............................................................................................................617
20.3
Register Descriptions ......................................................................................................... 618
20.3.1 Host Interface Control Registers 0 and 1 (HICR0 and HICR1)............................ 620
20.3.2 Host Interface Control Registers 2 and 3 (HICR2 and HICR3)............................ 626
20.3.3 Host Interface Control Register 4 (HICR4) .......................................................... 629
20.3.4 Host Interface Control Register 5 (HICR5) .......................................................... 630
20.3.5 LPC Channel 1 Address Registers H and L (LADR1H and LADR1L)................ 631
20.3.6 LPC Channel 2 Address Registers H and L (LADR2H and LADR2L)................ 632
20.3.7 LPC Channel 3 Address Registers H and L (LADR3H and LADR3L)................ 634
20.3.8 LPC Channel 4 Address Registers H and L (LADR4H and LADR4L)................ 636
20.3.9 Input Data Registers 1 to 4 (IDR1 to IDR4) ......................................................... 637
20.3.10 Output Data Registers 1 to 4 (ODR1 to ODR4) ................................................... 637
20.3.11 Bidirectional Data Registers 0 to 15 (TWR0 to TWR15)..................................... 638
20.3.12 Status Registers 1 to 4 (STR1 to STR4) ............................................................... 638
20.3.13 SERIRQ Control Register 0 (SIRQCR0).............................................................. 645
20.3.14 SERIRQ Control Register 1 (SIRQCR1).............................................................. 649
20.3.15 SERIRQ Control Register 2 (SIRQCR2).............................................................. 653
20.3.16 SERIRQ Control Register 3 (SIRQCR3).............................................................. 656
20.3.17 SERIRQ Control Register 4 (SIRQCR4).............................................................. 657
20.3.18 SCIF Address Register (SCIFADRH, SCIFADRL) ............................................. 658
20.3.19 Host Interface Select Register (HISEL)................................................................ 659
20.4
Operation ........................................................................................................................... 660
20.4.1 LPC interface Activation ...................................................................................... 660
20.4.2 LPC I/O Cycles..................................................................................................... 661
20.4.3 Gate A20............................................................................................................... 664
20.4.4 LPC Interface Shutdown Function (LPCPD)........................................................ 667
20.4.5 LPC Interface Serialized Interrupt Operation (SERIRQ) ..................................... 671
20.4.6 LPC Interface Clock Start Request ....................................................................... 673
20.4.7 SCIF Control from LPC Interface......................................................................... 673
20.5
Interrupt Sources................................................................................................................ 674



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com