| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2117R Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2117R Datasheet(HTML) 32 Page - Renesas Technology Corp |
|
32 / 1024 page ![]() Section 1 Overview Rev. 1.00 Apr. 28, 2008 Page 6 of 994 REJ09B0452-0100 Classification Module/ Function Description FSI interface (FSI) • One channel • Supports communications between this LCI and SPI flash memory • Capable of operating as a master • Supports LPC reset and LPC shut-down High- performance communication CIR interface (CIR) • One channel • Selectable from four sampling clocks: Three internal clocks and subclock • 18-byte FIFO incorporated I/O ports • Input-only pins: 13 pins • Input/output pins: 112 pins (TFP-144V and TLP-145V) 128 pins (BP-176V) • 76 pull-up resistors for TFP-144V and TLP-145V, and 84 pull- up resistors for BP-176V • 40 pins with LED drive capability • 24 on-chip noise cancellers Package • 144-pin thin QFP package (PTQP0144LC-A) (old code: TFP-144V, package dimensions: 16 × 16 mm, pin pitch: 0.40 mm) • 176-pin BGA package (PLBG0176GA-A) (old code: BP-176V, package dimensions: 13 × 13 mm, pin pitch: 0.80 mm) • 145-pin TLP package (PTLG0145JB-A) (package dimensions: 9 × 9 mm, pin pitch: 0.65 mm) • Lead- (Pb-) free version Operating frequency/ Power supply voltage • Operating frequency: 8 to 20 MHz • Power supply voltage: Vcc = 3.0 to 3.6 V, AVcc = 3.0 to 3.6 V • Supply current: 25 mA (typ.) (Vcc = 3.3 V, AVcc = 3.3 V, φ = 20 MHz) Operating peripheral temperature ( °C) • −20 to +75°C (regular specifications) |