Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 53 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 49Page - Renesas Technology Corp H8S/2117R Datasheet HTML 50Page - Renesas Technology Corp H8S/2117R Datasheet HTML 51Page - Renesas Technology Corp H8S/2117R Datasheet HTML 52Page - Renesas Technology Corp H8S/2117R Datasheet HTML 53Page - Renesas Technology Corp H8S/2117R Datasheet HTML 54Page - Renesas Technology Corp H8S/2117R Datasheet HTML 55Page - Renesas Technology Corp H8S/2117R Datasheet HTML 56Page - Renesas Technology Corp H8S/2117R Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 1024 page
background image
Section 1 Overview
Rev. 1.00 Apr. 28, 2008 Page 27 of 994
REJ09B0452-0100
Pin No.
Type
Symbol
TFP-144V
BP-176V
TLP-145V
I/O
Name and Function
PH5 to
PH0
142 to 140,
26, 12, 10
B3, D4,
C4, K2, F3,
E1
C4, B3, A4,
J2, F2, E2
Input/
Output
6-bit input/output pins
PI7 to PI0
G3, H4,
H3, K3, L5,
M5, N7, N8
Input/
Output
8-bit input/output pins
(The output type of PI7 to
PI0 is NMOS push-pull.)
I/O port
PJ7 to
PJ0
K15, J14,
F15, A14,
C12, C10,
B8, C5
Input/
Output
8-bit input/output pins
Notes: 1. Pins PE4 to PE1 are not supported by the system development tool (emulator).
2. Following precautions are required on the power-on reset signal that is applied to the
ETRST pin.
The reset signal should be applied on power supply.
Set apart the power-on reset circuit from this LSI to prevent the
ETRST pin of the
emulator from affecting the operation of this LSI.
Set apart the power-on reset circuit from this LSI to prevent the system reset of this LSI
from affecting the
ETRST pin of the emulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com