Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 40 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 36Page - Renesas Technology Corp H8S/2117R Datasheet HTML 37Page - Renesas Technology Corp H8S/2117R Datasheet HTML 38Page - Renesas Technology Corp H8S/2117R Datasheet HTML 39Page - Renesas Technology Corp H8S/2117R Datasheet HTML 40Page - Renesas Technology Corp H8S/2117R Datasheet HTML 41Page - Renesas Technology Corp H8S/2117R Datasheet HTML 42Page - Renesas Technology Corp H8S/2117R Datasheet HTML 43Page - Renesas Technology Corp H8S/2117R Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 1024 page
background image
Section 1 Overview
Rev. 1.00 Apr. 28, 2008 Page 14 of 994
REJ09B0452-0100
Pin No.
Pin Name
Single-Chip Mode
TFP-
144V
BP-
176V
TLP-
145V
Mode 2 (EXPE = 0)
45
R5
N4
PF5/PWMU3A
46
M6
M5
PF4/PWMU2A
47
N6
L5
PF3/
IRQ11/TMOX/TDPCKI0/TDPMCI0
48
R6
M6
PF2/
IRQ10/TMOY/TDPCYI0
49
P6
N5
PF1/
IRQ9/PWMU1A
50
M7
K5
PF0/
IRQ8/PWMU0A
N7 (N)
PI1
51 (N) R7 (N)
L6 (N)
PG7/
ExIRQ15/ExSCLB
52 (N) P7 (N)
M7 (N)
PG6/
ExIRQ14/ExSDAB
53 (N) M8 (N)
N6 (N)
PG5/
ExIRQ13/ExSCLA
N8 (N)
PI0
54 (N) R8 (N)
K6 (N)
PG4/
ExIRQ12/ExSDAA
55 (N) P8 (N)
K7 (N)
PG3/
ExIRQ11/SCL2
M9 (N)
NC
56 (N) N9 (N)
K8 (N)
PG2/
ExIRQ10/SDA2
57 (N) R9 (N)
N7 (N)
PG1/
ExIRQ9/TMIY/TDPCKI1/TDPMCI1
58 (N) P9 (N)
M8 (N)
PG0/
ExIRQ8/TMIX/TDPCYI1
59
M10
L7
PD7/AN15
60
N10
K9
PD6/AN14
61
R10
N8
PD5/AN13
62
P10
M9
PD4/AN12
63
N11
L8
PD3/AN11
64
R11
K10
PD2/AN10
65
P11
N9
PD1/AN9
66
M11
M10
PD0/AN8
67
R12
L9
AVSS
P12
AVSS
68
N12
N10
P70/AN0
69
R13
M11
P71/AN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com