Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 66 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 62Page - Renesas Technology Corp H8S/2117R Datasheet HTML 63Page - Renesas Technology Corp H8S/2117R Datasheet HTML 64Page - Renesas Technology Corp H8S/2117R Datasheet HTML 65Page - Renesas Technology Corp H8S/2117R Datasheet HTML 66Page - Renesas Technology Corp H8S/2117R Datasheet HTML 67Page - Renesas Technology Corp H8S/2117R Datasheet HTML 68Page - Renesas Technology Corp H8S/2117R Datasheet HTML 69Page - Renesas Technology Corp H8S/2117R Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 1024 page
background image
Section 2 CPU
Rev. 1.00 Apr. 28, 2008 Page 40 of 994
REJ09B0452-0100
2.4.4
Condition-Code Register (CCR)
This 8-bit register contains internal CPU status information, including an interrupt mask bit (I) and
half-carry (H), negative (N), zero (Z), overflow (V), and carry (C) flags.
Operations can be performed on the CCR bits by the LDC, STC, ANDC, ORC, and XORC
instructions. The N, Z, V, and C flags are used as branching conditions for conditional branch
(Bcc) instructions.
Bit
Bit Name
Initial
Value
R/W
Description
7
I
1
R/W
Interrupt Mask Bit
Masks interrupts other than NMI when set to 1. NMI is
accepted regardless of the I bit setting. The I bit is set to
1 at the start of an exception-handling sequence. For
details, refer to section 5, Interrupt Controller.
6
UI
Undefined
R/W
User Bit or Interrupt Mask Bit
Can be read or written by software using the LDC, STC,
ANDC, ORC, and XORC instructions. This bit cannot be
used as an interrupt mask bit in this LSI.
5
H
Undefined
R/W
Half-Carry Flag
When the ADD.B, ADDX.B, SUB.B, SUBX.B, CMP.B,
or NEG.B instruction is executed, this flag is set to 1 if
there is a carry or borrow at bit 3, and cleared to 0
otherwise. When the ADD.W, SUB.W, CMP.W, or
NEG.W instruction is executed, the H flag is set to 1 if
there is a carry or borrow at bit 11, and cleared to 0
otherwise. When the ADD.L, SUB.L, CMP.L, or NEG.L
instruction is executed, the H flag is set to 1 if there is a
carry or borrow at bit 27, and cleared to 0 otherwise.
4
U
Undefined
R/W
User Bit
Can be read or written by software using the LDC, STC,
ANDC, ORC, and XORC instructions.
3
N
Undefined
R/W
Negative Flag
Stores the value of the most significant bit of data as a
sign bit.
2
Z
Undefined
R/W
Zero Flag
Set to 1 to indicate zero data, and cleared to 0 to
indicate non-zero data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com