Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 87 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 83Page - Renesas Technology Corp H8S/2117R Datasheet HTML 84Page - Renesas Technology Corp H8S/2117R Datasheet HTML 85Page - Renesas Technology Corp H8S/2117R Datasheet HTML 86Page - Renesas Technology Corp H8S/2117R Datasheet HTML 87Page - Renesas Technology Corp H8S/2117R Datasheet HTML 88Page - Renesas Technology Corp H8S/2117R Datasheet HTML 89Page - Renesas Technology Corp H8S/2117R Datasheet HTML 90Page - Renesas Technology Corp H8S/2117R Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 1024 page
background image
Section 2 CPU
Rev. 1.00 Apr. 28, 2008 Page 61 of 994
REJ09B0452-0100
2.7.9
Effective Address Calculation
Table 2.13 indicates how effective addresses are calculated in each addressing mode. In normal
mode the upper 8 bits of the effective address are ignored in order to generate a 16-bit address.
Note:
Normal mode is not available in this LSI.
Table 2.13
Effective Address Calculation (1)
No
1
Offset
1
2
4
r
op
31
0
31
23
2
3
Register indirect with displacement
@(d:16,ERn) or @(d:32,ERn)
4
r
op
disp
r
op
rm
op
rn
31
0
31
0
r
op
Don't care
31
23
31
0
Don't care
31
0
disp
31
0
31
0
31
23
31
0
Don't care
31
23
31
0
Don't care
24
24
24
24
Addressing Mode and Instruction Format
Effective Address Calculation
Effective Address (EA)
Register direct(Rn)
General register contents
General register contents
General register contents
General register contents
Sign extension
Register indirect(@ERn)
Register indirect with post-increment or
pre-decrement
•Register indirect with post-increment @ERn+
•Register indirect with pre-decrement @-ERn
1, 2, or 4
1, 2, or 4
Operand Size
Byte
Word
Longword
Operand is general register contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com