Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 52 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 48Page - Renesas Technology Corp H8S/2117R Datasheet HTML 49Page - Renesas Technology Corp H8S/2117R Datasheet HTML 50Page - Renesas Technology Corp H8S/2117R Datasheet HTML 51Page - Renesas Technology Corp H8S/2117R Datasheet HTML 52Page - Renesas Technology Corp H8S/2117R Datasheet HTML 53Page - Renesas Technology Corp H8S/2117R Datasheet HTML 54Page - Renesas Technology Corp H8S/2117R Datasheet HTML 55Page - Renesas Technology Corp H8S/2117R Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 1024 page
background image
Section 1 Overview
Rev. 1.00 Apr. 28, 2008 Page 26 of 994
REJ09B0452-0100
Pin No.
Type
Symbol
TFP-144V
BP-176V
TLP-145V
I/O
Name and Function
P77 to
P70
75 to 68
P15, N13,
R15, P14,
R14, P13,
R13, N12
L12, N13,
M13, N12,
N11, L10,
M11, N10
Input
8-bit input pins
P86 to
P80
135 to 129 B6, A6, C6,
D6, B7, A7,
C7
C6, B5,
A6, D5,
C7, B6,
A7
Input/
Output
7-bit input/output pins
(The output type of P86 is
NMOS push-pull.)
P97 to
P90
17 to 24
G2, H1,
H2, J4, J3,
J1, J2, K4
F1, F4,
G4, H4,
G1, H2,
G3, J4
Input/
Output
8-bit input/output pins
(The output type of P97 is
NMOS push-pull.)
PA7 to
PA0
33 to 35,
37 to 41
N1, M4,
N2, R1,
N3, R2,
P3, R3
L2, K3, L1,
N2, M2,
M3, N1, N3
Input/
Output
8-bit input/output pins
(The output type of PA7 to
PA0 is NMOS push-pull.)
PB7 to
PB0
113 to 120 D11, A12,
C11, B11,
A11, D10,
A10, B10
A11, C11,
B10, C10,
A10, B9,
C9, B8
Input/
Output
8-bit input/output pins
PC7 to
PC0
87 to 94
H12, H13,
H15, H14,
G12, G13,
G15, G14
J13, H11,
G12, G10,
H13, F12,
G13, G11
Input/
Output
8-bit input/output pins
PD7 to
PD0
59 to 66
M10, N10,
R10, P10,
N11, R11,
P11, M11
L7, K9, N8,
M9, L8,
K10, N9,
M10
Input/
Output
8-bit input/output pins
PE4 to
PE0
*1
28 to 32
L2, L4, M1,
M2, M3
K4, J1, K2,
J3, K1
Input
5-bit input pins
PF7 to
PF0
43 to 50
N5, P5,
R5, M6,
N6, R6,
P6, M7
M4, L4, N4,
M5, L5,
M6, N5, K5
Input/
Output
8-bit input/output pins
I/O port
PG7 to
PG0
51 to 58
R7, P7,
M8, R8,
P8, N9,
R9, P9
L6, M7, N6,
K6, K7, K8,
N7, M8
Input/
Output
8-bit input/output pins
(The output type of PG7 to
PG0 is NMOS push-pull.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com