Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 94 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 90Page - Renesas Technology Corp H8S/2117R Datasheet HTML 91Page - Renesas Technology Corp H8S/2117R Datasheet HTML 92Page - Renesas Technology Corp H8S/2117R Datasheet HTML 93Page - Renesas Technology Corp H8S/2117R Datasheet HTML 94Page - Renesas Technology Corp H8S/2117R Datasheet HTML 95Page - Renesas Technology Corp H8S/2117R Datasheet HTML 96Page - Renesas Technology Corp H8S/2117R Datasheet HTML 97Page - Renesas Technology Corp H8S/2117R Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 1024 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Apr. 28, 2008 Page 68 of 994
REJ09B0452-0100
3.2
Register Descriptions
The following registers are related to the operating modes.
Table 3.2
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address
Data Bus
Width
Mode control register
MDCR
R/W
H'FFC5
8
System control register
SYSCR
R/W
H'09
H'FFC4
8
Serial timer control register
STCR
R/W
H'00
H'FFC3
8
System control register 3
SYSCR3
R/W
H'60
H'FE7D
8
3.2.1
Mode Control Register (MDCR)
MDCR is used to set an operating mode and to monitor the current operating mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
EXPE
0
R/W
Reserved
The initial value should not be changed.
6 to 3 —
All 0
R
Reserved
The initial value should not be changed.
2
1
MDS2
MDS1
—*
—*
R
R
Mode Select 2 and 1
These bits indicate the input levels at mode pins (MD2
and MD1) (the current operating mode). The MDS2 and
MDS1 bits correspond to the MD2 and MD1 pins,
respectively. These bits are read-only bits and cannot
be written to.
The input levels of the mode pins (MD2 and MD1) are
latched into these bits when MDCR is read. These
latches are canceled by a reset.
0
—
0
R
Reserved
The initial value should not be changed.
Note:
*
The initial values are determined by the settings of the MD2 and MD1 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com