Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 50 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 46Page - Renesas Technology Corp H8S/2117R Datasheet HTML 47Page - Renesas Technology Corp H8S/2117R Datasheet HTML 48Page - Renesas Technology Corp H8S/2117R Datasheet HTML 49Page - Renesas Technology Corp H8S/2117R Datasheet HTML 50Page - Renesas Technology Corp H8S/2117R Datasheet HTML 51Page - Renesas Technology Corp H8S/2117R Datasheet HTML 52Page - Renesas Technology Corp H8S/2117R Datasheet HTML 53Page - Renesas Technology Corp H8S/2117R Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 1024 page
background image
Section 1 Overview
Rev. 1.00 Apr. 28, 2008 Page 24 of 994
REJ09B0452-0100
Pin No.
Type
Symbol
TFP-144V
BP-176V
TLP-145V
I/O
Name and Function
FSISS
113
D11
A11
Output
FSI slave select pin
FSICK
114
A12
C11
Output
Clock output pin
FSIDI
115
C11
B10
Input
Receive data input pin
FSI
interface
(FSI)
FSIDO
116
B11
C10
Output
Transmit data output pin
CIR
interface
(CIR)
CIRI
26
K2
J2
Input
Receive data input pin
AN15 to
AN0
59 to 66,
75 to 68
M10, N10,
R10, P10,
N11, R11,
P11, M11,
P15, N13,
R15, P14,
R14, P13,
R13, N12
L7, K9, N8,
M9, L8,
K10, N9,
M10, L12,
N13, M13,
N12, N11,
L10, M11,
N10
Input
Analog input pins
AVCC
76
N14, N15
M12
Input
Analog power supply pin for
the A/D converter.
When the A/D converter is
not used, this pin should be
connected to the system
power supply (+3 V).
AVref
77
M14, M15
L11
Input
Reference power supply pin
for the A/D converter.
When the A/D converter is
not used, this pin should be
connected to the system
power supply (+3 V).
A/D
converter
AVSS
67
R12, P12
L9
Input
Ground pin for the A/D
converter. This pin should be
connected to the system
power supply (0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com