Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 95 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 91Page - Renesas Technology Corp H8S/2117R Datasheet HTML 92Page - Renesas Technology Corp H8S/2117R Datasheet HTML 93Page - Renesas Technology Corp H8S/2117R Datasheet HTML 94Page - Renesas Technology Corp H8S/2117R Datasheet HTML 95Page - Renesas Technology Corp H8S/2117R Datasheet HTML 96Page - Renesas Technology Corp H8S/2117R Datasheet HTML 97Page - Renesas Technology Corp H8S/2117R Datasheet HTML 98Page - Renesas Technology Corp H8S/2117R Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 1024 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Apr. 28, 2008 Page 69 of 994
REJ09B0452-0100
3.2.2
System Control Register (SYSCR)
SYSCR monitors a reset source, selects the interrupt control mode and the detection edge for
NMI, enables or disables access to the on-chip peripheral module registers, and enables or disables
the on-chip RAM address space.
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
—
All 0
R
Reserved
The initial value should not be changed.
5
4
INTM1
INTM0
0
0
R
R/W
Interrupt Control Select Mode 1 and 0
These bits select the interrupt control mode of the
interrupt controller.
For details on the interrupt control modes, see section
5.6, Interrupt Control Modes and Interrupt Operation.
00: Interrupt control mode 0
01: Interrupt control mode 1
10: Setting prohibited
11: Setting prohibited
3
XRST
1
R
External Reset
Indicates the reset source. A reset is caused by an
external reset input, or when the watchdog timer
overflows.
0: A reset is caused when the watchdog timer overflows
1: A reset is caused by an external reset
2
NMIEG
0
R/W
NMI Edge Select
Selects the valid edge of the NMI interrupt input.
0: An interrupt is requested at the falling edge of NMI
input
1: An interrupt is requested at the rising edge of NMI
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More