| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2117R Datasheet(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2117R Datasheet(HTML) 49 Page - Renesas Technology Corp |
|
49 / 1024 page ![]() Section 1 Overview Rev. 1.00 Apr. 28, 2008 Page 23 of 994 REJ09B0452-0100 Pin No. Type Symbol TFP-144V BP-176V TLP-145V I/O Name and Function FTxD 16 G1 G2 Output Transmit data output pin FRxD 15 G4 F3 Input Receive data input pin RI 118 D10 B9 Input Ring indicator input pin DCD 117 A11 A10 Input Data carrier detect input pin DSR 116 B11 C10 Input Data set ready input pin DTR 115 C11 B10 Output Data terminal ready output pin CTS 114 A12 C11 Input Transmission permission input pin Serial communi- cation interface with FIFO (SCIF) RTS 113 D11 A11 Output Transmission request output pin LAD3 to LAD0 124 to 121 B9, A9, C9, D9 B7, C8, D9, A9 Input/ Output LPC command, address, and data input/output pins LFRAME 125 D8 A8 Input Input pin indicating LPC cycle start and forced termination of an abnormal LPC cycle LRESET 126 C8 D8 Input Input pin indicating LPC reset LCLK 127 A8 D7 Input LPC clock input pin SERIRQ 128 D7 D6 Input/ Output LPC serial host interrupt (HIRQ1 to HIRQ15) input/output pin LSCI, LSMI, PME 119, 120, 129 A10, B10, C7 C9, B8, A7 Input/ Output LPC auxiliary output pins. Functionally, they are general I/O ports. GA20 130 A7 B6 Input/ Output GATE A20 control signal output pin. Output state monitoring input is possible. CLKRUN 131 B7 C7 Input/ Output Input/output pin that requests the start of LCLK operation when LCLK is stopped. LPC Interface (LPC) LPCPD 132 D6 D5 Input Input pin that controls LPC module shutdown. |