Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 48 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 44Page - Renesas Technology Corp H8S/2117R Datasheet HTML 45Page - Renesas Technology Corp H8S/2117R Datasheet HTML 46Page - Renesas Technology Corp H8S/2117R Datasheet HTML 47Page - Renesas Technology Corp H8S/2117R Datasheet HTML 48Page - Renesas Technology Corp H8S/2117R Datasheet HTML 49Page - Renesas Technology Corp H8S/2117R Datasheet HTML 50Page - Renesas Technology Corp H8S/2117R Datasheet HTML 51Page - Renesas Technology Corp H8S/2117R Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 1024 page
background image
Section 1 Overview
Rev. 1.00 Apr. 28, 2008 Page 22 of 994
REJ09B0452-0100
Pin No.
Type
Symbol
TFP-144V
BP-176V TLP-145V I/O
Name and Function
14-bit PWM
timer
(PWMX)
PWX0
PWX1
5
6
D3
C1
C1
C3
Output
PWM timer pulse output pins
TxD1
TxD2
133
136
C6
A5
A6
D4
Output
Transmit data output pins
RxD1
RxD2
134
137
A6
B5
B5
A5
Input
Receive data input pins
Serial
communi-
cation
interface
(SCI_1,
SCI_2)
SCK1
SCK2
135
2
B6
C3
C6
A1
Input/
Output
Clock input/output pins
Output type of SCK1 and
SCK2 is NMOS push-pull
PS2AC
PS2BC
PS2CC
PS2DC
39
37
34
41
R2
R1
M4
R3
M3
N2
K3
N3
Input/
Output
Synchronous clock
input/output pins for the
keyboard buffer control unit
Keyboard
buffer
control unit
(PS2)
PS2AD
PS2BD
PS2CD
PS2DD
38
35
33
40
N3
N2
N1
P3
M2
L1
L2
N1
Input/
Output
Data input/output pins for the
keyboard buffer control unit
KIN15 to
KIN0
33 to 35,
37 to 41,
85 to 78
N1, M4,
N2, R1,
N3, R2,
P3, R3,
J13, J12,
K14, K13,
K12, L15,
L14, L13
L2, K3, L1,
N2, M2,
M3, N1,
N3, H12,
J11, J10,
K13, J12,
K11, K12,
L13
Input
Input pins for matrix keyboard.
Normally,
KIN15 to KIN0
function as key scan inputs,
and P17 to P10 and P27 to
P20 function as key scan
outputs. Thus, composed with
a maximum of 16 outputs x 16
inputs, a 256-key matrix can
be configured.
Keyboard
control
WUE15
to
WUE8
87 to 94
H12, H13,
H15, H14,
G12, G13,
G15, G14
J13, H11,
G12, G10,
H13, F12,
G13, G11
Input
Wake-up event input pins.
Same wake up as key wake
up can be performed with
various sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com