Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 349 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 345Page - Renesas Technology Corp H8S/2117R Datasheet HTML 346Page - Renesas Technology Corp H8S/2117R Datasheet HTML 347Page - Renesas Technology Corp H8S/2117R Datasheet HTML 348Page - Renesas Technology Corp H8S/2117R Datasheet HTML 349Page - Renesas Technology Corp H8S/2117R Datasheet HTML 350Page - Renesas Technology Corp H8S/2117R Datasheet HTML 351Page - Renesas Technology Corp H8S/2117R Datasheet HTML 352Page - Renesas Technology Corp H8S/2117R Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 1024 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 Apr. 28, 2008 Page 323 of 994
REJ09B0452-0100
(4)
Example of Settings for Cycle Measurement Mode
Figure 11.12 shows an example of the flow when cycle measurement mode is to be used.
Start
Initialization
Set TCMMDS to 0
Set CST (TCMCR) to 0
Set TCMMLCM
Set OVIE and MAXOVIE to 1
Set TCMMDS to 1
Yes
No
Yes
No
Interrupt is generated
Processing for
external event stopped state
Processing for cycle
upper limit over
End of exception handling
Set TCMMDS = 0
End of measurement
OVF = 1? or
MAXOVF = 1?
MAXOVF = 1?
[1]
[2]
[3]
[5]
[6]
[1]
[2]
[3]
[5]
[6]
[9]
[9]
[7]
[7]
[8]
[8]
Set timer mode.
Stop TCMCNT and initialize to H'0000.
Set an upper limit on the measurement period.
Enable interrupts.
Set speed measurement mode
to start speed measurement.
Speed measurement is completed.
Processing for the external event stopped state.
Processing for cycle upper limit over.
Set TCMIPE = 1
[4]
[4]
Pin input enabled.
Figure 11.12 Example of Cycle Measurement Mode Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com