Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 387 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 387 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 383Page - Renesas Technology Corp H8S/2117R Datasheet HTML 384Page - Renesas Technology Corp H8S/2117R Datasheet HTML 385Page - Renesas Technology Corp H8S/2117R Datasheet HTML 386Page - Renesas Technology Corp H8S/2117R Datasheet HTML 387Page - Renesas Technology Corp H8S/2117R Datasheet HTML 388Page - Renesas Technology Corp H8S/2117R Datasheet HTML 389Page - Renesas Technology Corp H8S/2117R Datasheet HTML 390Page - Renesas Technology Corp H8S/2117R Datasheet HTML 391Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 1024 page
background image
Section 13 8-Bit Timer (TMR)
Rev. 1.00 Apr. 28, 2008 Page 361 of 994
REJ09B0452-0100
13.3.2
Time Constant Register A (TCORA)
TCORA is an 8-bit readable/writable register. TCORA_0 and TCORA_1 (or TCORA_X and
TCORA_Y) comprise a single 16-bit register, so they can be accessed together by word access.
TCORA is continually compared with the value in TCNT. When a match is detected, the
corresponding compare-match flag A (CMFA) in TCSR is set to 1. Note however that comparison
is disabled during the T
2 state of a TCORA write cycle. The timer output from the TMO pin can be
freely controlled by these compare-match A signals and the settings of output select bits OS1 and
OS0 in TCSR. TCORA is initialized to H'FF.
13.3.3
Time Constant Register B (TCORB)
TCORB is an 8-bit readable/writable register. TCORB_0 and TCORB_1 (or TCORB_X and
TCORB_Y) comprise a single 16-bit register, so they can be accessed together by word access.
TCORB is continually compared with the value in TCNT. When a match is detected, the
corresponding compare-match flag B (CMFB) in TCSR is set to 1. Note however that comparison
is disabled during the T
2 state of a TCORB write cycle. The timer output from the TMO pin can be
freely controlled by these compare-match B signals and the settings of output select bits OS3 and
OS2 in TCSR. TCORB is initialized to H'FF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com