Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 408 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 408 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 404Page - Renesas Technology Corp H8S/2117R Datasheet HTML 405Page - Renesas Technology Corp H8S/2117R Datasheet HTML 406Page - Renesas Technology Corp H8S/2117R Datasheet HTML 407Page - Renesas Technology Corp H8S/2117R Datasheet HTML 408Page - Renesas Technology Corp H8S/2117R Datasheet HTML 409Page - Renesas Technology Corp H8S/2117R Datasheet HTML 410Page - Renesas Technology Corp H8S/2117R Datasheet HTML 411Page - Renesas Technology Corp H8S/2117R Datasheet HTML 412Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 1024 page
background image
Section 13 8-Bit Timer (TMR)
Rev. 1.00 Apr. 28, 2008 Page 382 of 994
REJ09B0452-0100
13.7.3
Input Capture Operation
TMR_X has input capture registers (TICRR and TICRF). A narrow pulse width can be measured
with TICRR and TICRF, using a single capture. If the falling edge of TMRIX (TMR_X input
capture input signal) is detected after its rising edge has been detected, the value of TCNT_X at
that time is transferred to both TICRR and TICRF.
(1)
Input Capture Signal Input Timing
Figure 13.11 shows the timing of the input capture operation.
φ
TMRIX
Input capture
signal
TCNT_X
n
nn
m
M
m
N + 1
N
N
n + 1
TICRR
TICRF
Figure 13.11 Timing of Input Capture Operation
If the input capture signal is input while TICRR and TICRF are being read, the input capture
signal is delayed by one system clock
(φ) cycle. Figure 13.12 shows the timing of this operation.
φ
TMRIX
TICRR, TICRF read cycle
T
1
T
2
Input capture
signal
Figure 13.12 Timing of Input Capture Signal
(Input capture signal is input during TICRR and TICRF read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com