Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 482 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 478Page - Renesas Technology Corp H8S/2117R Datasheet HTML 479Page - Renesas Technology Corp H8S/2117R Datasheet HTML 480Page - Renesas Technology Corp H8S/2117R Datasheet HTML 481Page - Renesas Technology Corp H8S/2117R Datasheet HTML 482Page - Renesas Technology Corp H8S/2117R Datasheet HTML 483Page - Renesas Technology Corp H8S/2117R Datasheet HTML 484Page - Renesas Technology Corp H8S/2117R Datasheet HTML 485Page - Renesas Technology Corp H8S/2117R Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 1024 page
background image
Section 15 Serial Communication Interface (SCI)
Rev. 1.00 Apr. 28, 2008 Page 456 of 994
REJ09B0452-0100
15.7.7
Serial Data Reception (Except in Block Transfer Mode)
Data reception in smart card interface mode is identical to that in normal serial communication
interface mode. Figure 15.29 shows the data re-transfer operation during reception.
1. If a parity error is detected in receive data, the PER bit in SSR is set to 1. Here, an ERI
interrupt request is generated if the RIE bit in SCR is set to 1. Clear the PER bit to 0 before the
next parity bit is sampled.
2. For the frame in which a parity error is detected, the RDRF bit in SSR is not set to 1.
3. If no parity error is detected, the PER bit in SSR is not set to 1. In this case, data is determined
to have been received successfully, and the RDRF bit in SSR is set to 1. Here, an RXI interrupt
request is generated if the RIE bit in SCR is set.
Figure 15.30 shows a sample flowchart for reception. In reception, setting the RIE bit to 1 allows
an RXI interrupt request to be generated when the RDRF flag is set to 1. If an error occurs during
reception, i.e., either the ORER or PER flag is set to 1, a transmit/receive error interrupt (ERI)
request is generated and the error flag must be cleared. Even if a parity error occurs and PER is set
to 1 in reception, receive data is transferred to RDR, thus allowing the data to be read.
Note:
For operations in block transfer mode, see section 15.4, Operation in Asynchronous Mode.
D0 D1 D2 D3 D4 D5 D6 D7 Dp
DE
Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp
(DE)
Ds D0 D1 D2 D3 D4
Ds
(n + 1) th
transfer frame
Retransfer frame
n th transfer frame
RDRF
[1]
PER
[2]
[3]
[3]
Figure 15.29 Data Re-transfer Operation in SCI Reception Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com