Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 144 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 140Page - Renesas Technology Corp H8S/2117R Datasheet HTML 141Page - Renesas Technology Corp H8S/2117R Datasheet HTML 142Page - Renesas Technology Corp H8S/2117R Datasheet HTML 143Page - Renesas Technology Corp H8S/2117R Datasheet HTML 144Page - Renesas Technology Corp H8S/2117R Datasheet HTML 145Page - Renesas Technology Corp H8S/2117R Datasheet HTML 146Page - Renesas Technology Corp H8S/2117R Datasheet HTML 147Page - Renesas Technology Corp H8S/2117R Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 1024 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Apr. 28, 2008 Page 118 of 994
REJ09B0452-0100
(1)
Interrupt Acceptance Control and 3-Level Control
In interrupt control modes 0 and 1, interrupt acceptance control and 3-level mask control is
performed by means of the I and UI bits in CCR and ICR (control level).
Table 5.8 shows the interrupts selected in each interrupt control mode.
Table 5.8
Interrupts Selected in Each Interrupt Control Mode
Interrupt Mask Bits
Interrupt Control Mode I
UI
Selected Interrupts
0
*
All interrupts (interrupt control level 1 has
priority)
0
1
*
NMI and address break interrupts
0
*
All interrupts (interrupt control level 1 has
priority)
1
0
NMI, address break, and interrupt control level 1
interrupts
1
1
NMI and address break interrupts
[Legend]
*: Don't care
(2)
Default Priority Determination
The priority is determined for the selected interrupt, and a vector number is generated.
If the same value is set for ICR, acceptance of multiple interrupts is enabled, and so only the
interrupt source with the highest priority according to the preset default priorities is selected and
has a vector number generated.
Interrupt sources with a lower priority than the accepted interrupt source are held pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com