Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 152 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 148Page - Renesas Technology Corp H8S/2117R Datasheet HTML 149Page - Renesas Technology Corp H8S/2117R Datasheet HTML 150Page - Renesas Technology Corp H8S/2117R Datasheet HTML 151Page - Renesas Technology Corp H8S/2117R Datasheet HTML 152Page - Renesas Technology Corp H8S/2117R Datasheet HTML 153Page - Renesas Technology Corp H8S/2117R Datasheet HTML 154Page - Renesas Technology Corp H8S/2117R Datasheet HTML 155Page - Renesas Technology Corp H8S/2117R Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 1024 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Apr. 28, 2008 Page 126 of 994
REJ09B0452-0100
5.7
Address Breaks
5.7.1
Features
With this LSI, it is possible to identify the prefetch of a specific address by the CPU and generate
an address break interrupt, using the ABRKCR and BAR registers. When an address break
interrupt is generated, address break interrupt exception handling is executed.
This function can be used to detect the beginning of execution of a bug location in the program,
and branch to a correction routine.
5.7.2
Block Diagram
Figure 5.11 shows a block diagram of the address break function.
BAR
Match
signal
ABRKCR
Comparator
Internal address
Prefetch signal
(internal signal)
Control logic
Address break
interrupt request
Figure 5.11 Block Diagram of Address Break Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com