Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 159 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 155Page - Renesas Technology Corp H8S/2117R Datasheet HTML 156Page - Renesas Technology Corp H8S/2117R Datasheet HTML 157Page - Renesas Technology Corp H8S/2117R Datasheet HTML 158Page - Renesas Technology Corp H8S/2117R Datasheet HTML 159Page - Renesas Technology Corp H8S/2117R Datasheet HTML 160Page - Renesas Technology Corp H8S/2117R Datasheet HTML 161Page - Renesas Technology Corp H8S/2117R Datasheet HTML 162Page - Renesas Technology Corp H8S/2117R Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 1024 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Apr. 28, 2008 Page 133 of 994
REJ09B0452-0100
Section 6 Bus Controller (BSC)
Since this LSI does not have an externally extended function, it does not have an on-chip bus
controller (BSC). Considering the software compatibility with similar products, you must be
careful to set appropriate values to the control registers for the bus controller.
6.1
Register Descriptions
The bus controller has the following registers.
Table 6.1
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address
Data Bus
Width
Bus control register
BCR
R/W
H'D3
H'FFC6
8
Wait state control register
WSCR
R/W
H'F3
H'FFC7
8
6.1.1
Bus Control Register (BCR)
Bit
Bit Name
Initial
Value
R/W
Description
7
—
1
R/W
Reserved
The initial value should not be changed.
6
ICIS0
1
R/W
Idle Cycle Insertion
The initial value should not be changed.
5
BRSTRM 0
R/W
Burst ROM Enable
The initial value should not be changed.
4
BRSTS1
1
R/W
Burst Cycle Select 1
The initial value should not be changed.
3
BRSTS0
0
R/W
Burst Cycle Select 0
The initial value should not be changed.
2
0
R/W
Reserved
The initial value should not be changed.
1
0
IOS1
IOS0
1
1
R/W
R/W
IOS Select 1 and 0
The initial value should not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com