Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 170 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 166Page - Renesas Technology Corp H8S/2117R Datasheet HTML 167Page - Renesas Technology Corp H8S/2117R Datasheet HTML 168Page - Renesas Technology Corp H8S/2117R Datasheet HTML 169Page - Renesas Technology Corp H8S/2117R Datasheet HTML 170Page - Renesas Technology Corp H8S/2117R Datasheet HTML 171Page - Renesas Technology Corp H8S/2117R Datasheet HTML 172Page - Renesas Technology Corp H8S/2117R Datasheet HTML 173Page - Renesas Technology Corp H8S/2117R Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 144 of 994
REJ09B0452-0100
7.1.1
Data Direction Register (PnDDR) (n = 1 to 6, 8, 9, A to D, and F to J)
DDR specifies the port input or output for each bit.
The upper five bits in P5DDR, the upper one bit in P8DDR, and the upper two bits in PHDDR are
reserved.
(1)
PORTS
= 0
Bit
Bit Name
Initial Value
R/W
Description
7
Pn7DDR
0
W
6
Pn6DDR
0
W
5
Pn5DDR
0
W
4
Pn4DDR
0
W
3
Pn3DDR
0
W
2
Pn2DDR
0
W
1
Pn1DDR
0
W
0
Pn0DDR
0
W
The corresponding pins act as output ports when
these bits are set to 1 and act as input ports when
cleared to 0.
Note: These bits cannot be set with bit manipulation
instructions such as BSET and BCLR.
(2)
PORTS
= 1
Bit
Bit Name
Initial Value
R/W
Description
7
Pn7DDR
0
R/W
6
Pn6DDR
0
R/W
5
Pn5DDR
0
R/W
4
Pn4DDR
0
R/W
3
Pn3DDR
0
R/W
2
Pn2DDR
0
R/W
1
Pn1DDR
0
R/W
0
Pn0DDR
0
R/W
The corresponding pins act as output ports when
these bits are set to 1 and act as input ports when
cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com