Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 228 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 224Page - Renesas Technology Corp H8S/2117R Datasheet HTML 225Page - Renesas Technology Corp H8S/2117R Datasheet HTML 226Page - Renesas Technology Corp H8S/2117R Datasheet HTML 227Page - Renesas Technology Corp H8S/2117R Datasheet HTML 228Page - Renesas Technology Corp H8S/2117R Datasheet HTML 229Page - Renesas Technology Corp H8S/2117R Datasheet HTML 230Page - Renesas Technology Corp H8S/2117R Datasheet HTML 231Page - Renesas Technology Corp H8S/2117R Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 1024 page
background image
Section 8 8-Bit PWM Timer (PWMU)
Rev. 1.00 Apr. 28, 2008 Page 202 of 994
REJ09B0452-0100
8.3.1
PWM Control Register A (PWMCONA)
PWMCONA selects the PWM clock source.
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
CLK1, CLK0
All 0
R/W
Clock Select 1, 0
These bits select the PWM count clock source.
CLK1 CLK0
0
0: Internal clock
φ is selected
0
1: Internal clock
φ/2 is selected
1
0: Internal clock
φ/4 is selected
1
1: Internal clock
φ/8 is selected
5 to 0
–
All 0
R
Reserved
These bits are always read as 0 and cannot be
modified.
8.3.2
PWM Control Register B (PWMCONB)
PWMCONB controls enabling and disabling of the PWM output and counter operation of each
channel.
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
All 0
R/W
Reserved
The initial value should not be changed.
5
PWM5E
0
R/W
PWMU5 Output Enable
0: PWMU5 output and counter operation are
disabled.
1: PWMU5 output and counter operation are
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com