Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 266 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 262Page - Renesas Technology Corp H8S/2117R Datasheet HTML 263Page - Renesas Technology Corp H8S/2117R Datasheet HTML 264Page - Renesas Technology Corp H8S/2117R Datasheet HTML 265Page - Renesas Technology Corp H8S/2117R Datasheet HTML 266Page - Renesas Technology Corp H8S/2117R Datasheet HTML 267Page - Renesas Technology Corp H8S/2117R Datasheet HTML 268Page - Renesas Technology Corp H8S/2117R Datasheet HTML 269Page - Renesas Technology Corp H8S/2117R Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 1024 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Apr. 28, 2008 Page 240 of 994
REJ09B0452-0100
Item
Channel 0
Channel 1
Channel 2
A/D converter trigger
TGRA_0 compare
match or input capture
TGRA_1 compare
match or input capture
TGRA_2 compare
match or input capture
Interrupt sources
5 sources
• Compare match or
input capture 0A
• Compare match or
input capture 0B
• Compare match or
input capture 0C
• Compare match or
input capture 0D
• Overflow
4 sources
• Compare match or
input capture 1A
• Compare match or
input capture 1B
• Overflow
• Underflow
4 sources
• Compare match or
input capture 2A
• Compare match or
input capture 2B
• Overflow
• Underflow
[Legend]
O:
Enable
:
Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com