Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 278 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 274Page - Renesas Technology Corp H8S/2117R Datasheet HTML 275Page - Renesas Technology Corp H8S/2117R Datasheet HTML 276Page - Renesas Technology Corp H8S/2117R Datasheet HTML 277Page - Renesas Technology Corp H8S/2117R Datasheet HTML 278Page - Renesas Technology Corp H8S/2117R Datasheet HTML 279Page - Renesas Technology Corp H8S/2117R Datasheet HTML 280Page - Renesas Technology Corp H8S/2117R Datasheet HTML 281Page - Renesas Technology Corp H8S/2117R Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 1024 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Apr. 28, 2008 Page 252 of 994
REJ09B0452-0100
Table 10.12 TIORL_0 (channel 0)
Description
Bit 7
IOD3
Bit 6
IOD2
Bit 5
IOD1
Bit 4
IOD0
TGRD_0
Function
TIOCD0 Pin Function
0
Output disabled
0
1
Initial output is 0 output
0 output at compare match
0
Initial output is 0 output
1 output at compare match
0
1
1
Initial output is 0 output
Toggle output at compare match
0
Output disabled
0
1
Initial output is 1 output
0 output at compare match
0
Initial output is 1 output
1 output at compare match
0
1
1
1
Output
Compare
register*
Initial output is 1 output
Toggle output at compare match
0
Capture input source is TIOCD0 pin
Input capture at rising edge
0
1
Capture input source is TIOCD0 pin
Input capture at falling edge
0
1
×
Capture input source is TIOCD0 pin
Input capture at both edges
1
1
×
×
Input capture
register*
Setting prohibited
[Legend]
×:
Don't care
Note:
When the BFB bit in TMDR_0 is set to 1 and TGRD_0 is used as a buffer register, this
setting is invalid and input capture/output compare is not generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com