Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 293 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 289Page - Renesas Technology Corp H8S/2117R Datasheet HTML 290Page - Renesas Technology Corp H8S/2117R Datasheet HTML 291Page - Renesas Technology Corp H8S/2117R Datasheet HTML 292Page - Renesas Technology Corp H8S/2117R Datasheet HTML 293Page - Renesas Technology Corp H8S/2117R Datasheet HTML 294Page - Renesas Technology Corp H8S/2117R Datasheet HTML 295Page - Renesas Technology Corp H8S/2117R Datasheet HTML 296Page - Renesas Technology Corp H8S/2117R Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 1024 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Apr. 28, 2008 Page 267 of 994
REJ09B0452-0100
10.5
Operation
10.5.1
Basic Functions
Each channel has a TCNT and TGR. TCNT performs up-counting, and is also capable of free-
running operation, synchronous counting, and external event counting. Each TGR can be used as
an input capture register or output compare register.
(1)
Counter Operation
When one of bits CST0 to CST2 is set to 1 in TSTR, the TCNT counter for the corresponding
channel starts counting. TCNT can operate as a free-running counter, periodic counter, and so on.
(a)
Example of count operation setting procedure
Figure 10.6 shows an example of the count operation setting procedure.
Operation selection
Select counter clock
Periodic counter
Select counter clearing source
Select output compare register
Set period
Free-running counter
Start count operation
<Free-running counter>
<Periodic counter>
Start count operation
Select the counter clock with bits
TPSC2 to TPSC0 inTCR.
At the same time, select the input
clock edge with bits CKEG1 and
CKEG0 in TCR.
For periodic counter operation,
select the TGR to be used as the
TCNT clearing source with bits
CCLR2 to CCLR0 in TCR.
Designate the TGR selected in [2]
as an output compare register by
means of TIOR.
Set the periodic counter cycle in
the TGR selected in [2].
Set the CST bit in TSTR to 1 to
start the counter operation.
[1]
[1]
[2]
[2]
[3]
[3]
[4]
[4]
[5]
[5]
Figure 10.6 Example of Counter Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com