Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 317 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 317 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 313Page - Renesas Technology Corp H8S/2117R Datasheet HTML 314Page - Renesas Technology Corp H8S/2117R Datasheet HTML 315Page - Renesas Technology Corp H8S/2117R Datasheet HTML 316Page - Renesas Technology Corp H8S/2117R Datasheet HTML 317Page - Renesas Technology Corp H8S/2117R Datasheet HTML 318Page - Renesas Technology Corp H8S/2117R Datasheet HTML 319Page - Renesas Technology Corp H8S/2117R Datasheet HTML 320Page - Renesas Technology Corp H8S/2117R Datasheet HTML 321Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 1024 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Apr. 28, 2008 Page 291 of 994
REJ09B0452-0100
(2)
Output Compare Output Timing
A compare match signal is generated in the final state in which TCNT and TGR match (the point
at which the count value matched by TCNT is updated). When a compare match signal is
generated, the output value set in TIOR is output at the output compare output pin (TIOC pin).
After a match between TCNT and TGR, the compare match signal is not generated until the
TCNT input clock is generated. Figure 10.32 shows output compare output timing.
TGR
TCNT
TCNT
input clock
N
N
N+1
Compare
match signal
TIOC pin
φ
Figure 10.32 Output Compare Output Timing
Input Capture Signal Timing: Figure 10.33 shows input capture signal timing.
TCNT
Input capture
input
N
N+1
N+2
N
N+2
TGR
Input capture
signal
φ
Figure 10.33 Input Capture Input Signal Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com