Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 342 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 342 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 338Page - Renesas Technology Corp H8S/20103 Datasheet HTML 339Page - Renesas Technology Corp H8S/20103 Datasheet HTML 340Page - Renesas Technology Corp H8S/20103 Datasheet HTML 341Page - Renesas Technology Corp H8S/20103 Datasheet HTML 342Page - Renesas Technology Corp H8S/20103 Datasheet HTML 343Page - Renesas Technology Corp H8S/20103 Datasheet HTML 344Page - Renesas Technology Corp H8S/20103 Datasheet HTML 345Page - Renesas Technology Corp H8S/20103 Datasheet HTML 346Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 316 of 962
REJ09B0465-0100
10.8.7
Port Data Register A (PDRA)
b7
PDRA7
0
b6
PDRA6
0
b5
PDRA5
0
b4
PDRA4
0
b3
PDRA3
0
b2
PDRA2
0
b1
PDRA1
0
b0
PDRA0
0
H'FFFFE9
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
PDRA7
Port A7 data
R/W
6
PDRA6
Port A6 data
R/W
5
PDRA5
Port A5 data
R/W
4
PDRA4
Port A4 data
R/W
3
PDRA3
Port A3 data
R/W
2
PDRA2
Port A2 data
R/W
1
PDRA1
Port A1 data
R/W
0
PDRA0
Port A0 data
0: Low level
1: High level
PDRA is a register that stores output data for port A
pins. When PCRA bits are set to 1, the values
stored in PDRA are output.
When PDRA is read while PCRA bits are set to 1,
the values stored in PDRA are read. If PDRA is
read while PCRA bits are cleared to 0, the pin
states are read regardless of the value stored in
PDRA.
When pins PA3 to PA0 are set as analog input
channels by ADCSR and ADCR of the A/D
converter, however, the corresponding PCRA bits
are always read as 1 even if they are cleared to 0.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com