Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 344 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 344 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 340Page - Renesas Technology Corp H8S/20103 Datasheet HTML 341Page - Renesas Technology Corp H8S/20103 Datasheet HTML 342Page - Renesas Technology Corp H8S/20103 Datasheet HTML 343Page - Renesas Technology Corp H8S/20103 Datasheet HTML 344Page - Renesas Technology Corp H8S/20103 Datasheet HTML 345Page - Renesas Technology Corp H8S/20103 Datasheet HTML 346Page - Renesas Technology Corp H8S/20103 Datasheet HTML 347Page - Renesas Technology Corp H8S/20103 Datasheet HTML 348Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 318 of 962
REJ09B0465-0100
• H8S/20223 group
10.8.9
Port Mode Register A (PMRA)
b7
0
b6
0
b5
0
b4
0
b3
PMRA3
0
b2
PMRA2
0
b1
0
b0
0
H'FF0009
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7 to 4
Reserved
These bits are read as 0. The write value should
be 0.
3
PMRA3
Port A3 mode
0: General I/O port
1: AN0_2 input pin
R/W
2
PMRA2
Port A2 mode
0: General I/O port
1: AN0 input pin
R/W
1, 0
Reserved
These bits are read as 0. The write value should
be 0.
PMRA is a register that selects the function of the port A multiplexed pins: general I/O function or
the function selected by the PMC. PMRA also provides the bit to select the function of the PB0
pin.
• PMRA3 bit (port A3 mode)
This bit selects general I/O function or the function selected by the PMC.
• PMRA2 bit (port A2 mode)
This bit selects general I/O function or the analog input function for PB0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com