Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 362 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 358Page - Renesas Technology Corp H8S/20103 Datasheet HTML 359Page - Renesas Technology Corp H8S/20103 Datasheet HTML 360Page - Renesas Technology Corp H8S/20103 Datasheet HTML 361Page - Renesas Technology Corp H8S/20103 Datasheet HTML 362Page - Renesas Technology Corp H8S/20103 Datasheet HTML 363Page - Renesas Technology Corp H8S/20103 Datasheet HTML 364Page - Renesas Technology Corp H8S/20103 Datasheet HTML 365Page - Renesas Technology Corp H8S/20103 Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 992 page
background image
Section 11 Data Transfer Controller (DTC)
Rev. 1.00 Oct. 03, 2008 Page 336 of 962
REJ09B0465-0100
11.2.2
DTC Mode Register B (MRB)
b7
CHNE
b6
DISEL
b5
CHNS
b4
b3
b2
b1
b0
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
CHNE
DTC chain
transfer
enable
0: Disables chain transfer.
1: Enables chain transfer.
6
DISEL
DTC interrupt
select
0: Generates an interrupt request to the CPU only
when the specified data transfer has been
completed.
1: Generates an interrupt request to the CPU every
time after the DTC transfer has been completed.
5
CHNS
Chain transfer
select
0: Performs chain transfer consecutively.
1: Performs chain transfer only when transfer counter
= 0
4 to 0
Reserved
These bits have no effect on DTC operation. The
write value should be 0.
MRB selects the DTC operating mode.
• CHNE bit (DTC chain transfer enable)
When this bit is set to 1, a chain transfer will be performed. For details, see section 11.5.4,
Chain Transfer.
In the data transfer with CHNE set to 1, determination of the end of the specified number of
transfers, clearing of the activation source flag, and clearing of DTCER are not performed.
• DISEL bit (DTC interrupt select)
When this bit is set to 1, a CPU interrupt request is generated every time the DTC transfer is
performed (the interrupt source flags as the activation source are not cleared to 0 by the DTC).
When this bit is cleared to 0, a CPU interrupt request is generated at the time when the
specified number of data transfers ends (the interrupt source flags as the activation source is
cleared to 0 by the DTC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com