| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/20103 Datasheet(PDF) 365 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20103 Datasheet(HTML) 365 Page - Renesas Technology Corp |
|
365 / 992 page ![]() Section 11 Data Transfer Controller (DTC) Rev. 1.00 Oct. 03, 2008 Page 339 of 962 REJ09B0465-0100 11.2.7 DTC Enable Registers A to H (DTCERA to DTCERH) b7 DTCEn7 b6 DTCEn6 b5 DTCEn5 b4 DTCEn4 b3 DTCEn3 b2 DTCEn2 b1 DTCEn1 b0 DTCEn0 H'FF0534 to H'FF053B Bit: Address: Value after reset: Bit Symbol Bit Name Description R/W 7 DTCEn7 R/W 6 DTCEn6 R/W 5 DTCEn5 R/W 4 DTCEn4 R/W 3 DTCEn3 R/W 2 DTCEn2 R/W 1 DTCEn1 R/W 0 DTCEn0 DTC activation enable 0: A relevant interrupt source is not selected as a DTC activation source. 1: A relevant interrupt source is selected as a DTC activation source. [Setting condition] • Setting this bit to 1 specifies a relevant interrupt source to a DTC activation source. [Clearing conditions] • When the DISEL bit in MRB is set to 1 and the data transfer has ended. • When the specified number of data transfers has ended. These bits are not automatically cleared when the DISEL bit is 0 and the specified number of data transfers has not ended. • When 0 is written to DTCE after reading DTCE = 1. R/W Notes: n = A to H DTCE bits with no corresponding interrupt are reserved. The write value should always be 0. DTCER, which is comprised of DTCERA to DTCERH, is a register that specifies DTC activation interrupt sources. The correspondence between interrupt sources and DTCE bits is shown in table 11.1. For DTCE bit setting, use bit manipulation instructions such as BSET and BCLR. If all interrupts are masked, multiple activation sources can be set at one time (only at the initial setting) by writing data after executing a dummy read on the relevant register. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |