Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 378 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 374Page - Renesas Technology Corp H8S/20103 Datasheet HTML 375Page - Renesas Technology Corp H8S/20103 Datasheet HTML 376Page - Renesas Technology Corp H8S/20103 Datasheet HTML 377Page - Renesas Technology Corp H8S/20103 Datasheet HTML 378Page - Renesas Technology Corp H8S/20103 Datasheet HTML 379Page - Renesas Technology Corp H8S/20103 Datasheet HTML 380Page - Renesas Technology Corp H8S/20103 Datasheet HTML 381Page - Renesas Technology Corp H8S/20103 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 992 page
background image
Section 11 Data Transfer Controller (DTC)
Rev. 1.00 Oct. 03, 2008 Page 352 of 962
REJ09B0465-0100
SAR
DAR
Transfer
Figure 11.6 Memory Mapping in Normal Mode
11.5.2
Repeat Mode
In repeat mode, one operation transfers one byte or one word of data. Table 11.6 lists the register
function in repeat mode. From 1 to 256 transfers can be specified. Once the specified number of
transfers has ended, the initial state of the transfer counter and the address register specified as the
repeat area is restored, and transfer is repeated. In repeat mode, the transfer counter value does not
reach H'00, therefore CPU interrupts cannot be requested when DISEL = 0.
Table 11.6
Register Function in Repeat Mode
Name
Abbreviation
Function
DTC source address register
SAR
Designates transfer source address
DTC destination address register
DAR
Designates transfer destination address
DTC transfer count register AH
CRAH
Holds number of transfers
DTC transfer count register AL
CRAL
Designates transfer count
DTC transfer count register B
CRB
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com