Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 379 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 379 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 375Page - Renesas Technology Corp H8S/20103 Datasheet HTML 376Page - Renesas Technology Corp H8S/20103 Datasheet HTML 377Page - Renesas Technology Corp H8S/20103 Datasheet HTML 378Page - Renesas Technology Corp H8S/20103 Datasheet HTML 379Page - Renesas Technology Corp H8S/20103 Datasheet HTML 380Page - Renesas Technology Corp H8S/20103 Datasheet HTML 381Page - Renesas Technology Corp H8S/20103 Datasheet HTML 382Page - Renesas Technology Corp H8S/20103 Datasheet HTML 383Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 992 page
background image
Section 11 Data Transfer Controller (DTC)
Rev. 1.00 Oct. 03, 2008 Page 353 of 962
REJ09B0465-0100
SAR
or
DAR
DAR
or
SAR
Repeat area
Transfer
Figure 11.7 Memory Mapping in Repeat Mode
11.5.3
Block Transfer Mode
In block transfer mode, one operation transfers one block of data. Either the transfer source or the
transfer destination is designated as a block area. Table 11.7 lists the register function in block
transfer mode. The block size is 1 to 256. When the transfer of one block ends, the initial state of
the block size counter and the address register specified as the block area is restored. The other
address register is then incremented, decremented, or left fixed according to the register
information. From 1 to 65,536 transfers can be specified. Once the specified number of transfers
has ended, a CPU interrupt is requested.
Table 11.7
Register Function in Block Transfer Mode
Name
Abbreviation
Function
DTC source address register
SAR
Designates source address
DTC destination address register
DAR
Designates destination address
DTC transfer count register AH
CRAH
Holds block size
DTC transfer count register AL
CRAL
Designates block size count
DTC transfer count register B
CRB
Designates transfer count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com