Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 402 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 398Page - Renesas Technology Corp H8S/20103 Datasheet HTML 399Page - Renesas Technology Corp H8S/20103 Datasheet HTML 400Page - Renesas Technology Corp H8S/20103 Datasheet HTML 401Page - Renesas Technology Corp H8S/20103 Datasheet HTML 402Page - Renesas Technology Corp H8S/20103 Datasheet HTML 403Page - Renesas Technology Corp H8S/20103 Datasheet HTML 404Page - Renesas Technology Corp H8S/20103 Datasheet HTML 405Page - Renesas Technology Corp H8S/20103 Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 992 page
background image
Section 12 Event Link Controller
Rev. 1.00 Oct. 03, 2008 Page 376 of 962
REJ09B0465-0100
12.2.8
Port Buffer Registers 1 and 2 (PDBF1 and PDBF2)
b7
PDBFn7
0
b6
PDBFn6
0
b5
PDBFn5
0
b4
PDBFn4
0
b3
PDBFn3
0
b2
PDBFn2
0
b1
PDBFn1
0
b0
PDBFn0
0
H'FF06AA, H'FF06AB
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
PDBFn7
Port buffer n7
R/W
6
PDBFn6
Port buffer n6
R/W
5
PDBFn5
Port buffer n5
R/W
4
PDBFn4
Port buffer n4
R/W
3
PDBFn3
Port buffer n3
R/W
2
PDBFn2
Port buffer n2
R/W
1
PDBFn1
Port buffer n1
R/W
0
PDBFn0
Port buffer n0
Data is transferred between PDR and PDBF when
an event is input. Write access to the bit specified as
a member of the input port-group by the CPU is
invalid. For details, see section 12.3, Operation.
R/W
[Legend]
n:
1, 2
PDBF is an 8-bit readable/writable register used in combination with PGR. For PDBF operations,
see section 12.3, Operation. The correspondence of PPBF and PDR is shown in table 12.3.
Table 12.3
Registers Related to Port-Groups and Corresponding Port Numbers
Port Group Setting
Register (PGR)
Port Group Control
Register (PGC)
Port Buffer Register
(PDBF)
Port Number
PGR1
PGC1
PDBF1
Port 3
PGR2
PGC2
PDBF2
Port 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com