Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 401 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 401 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 397Page - Renesas Technology Corp H8S/20103 Datasheet HTML 398Page - Renesas Technology Corp H8S/20103 Datasheet HTML 399Page - Renesas Technology Corp H8S/20103 Datasheet HTML 400Page - Renesas Technology Corp H8S/20103 Datasheet HTML 401Page - Renesas Technology Corp H8S/20103 Datasheet HTML 402Page - Renesas Technology Corp H8S/20103 Datasheet HTML 403Page - Renesas Technology Corp H8S/20103 Datasheet HTML 404Page - Renesas Technology Corp H8S/20103 Datasheet HTML 405Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 992 page
background image
Section 12 Event Link Controller
Rev. 1.00 Oct. 03, 2008 Page 375 of 962
REJ09B0465-0100
12.2.7
Port-Group Control Registers 1 and 2 (PGC1 and PGC2)
b7
1
b6
0
b5
0
b4
0
b3
1
b2
PGCOVEn
0
b1
0
b0
0
H'FF06A6, H'FF06A7
PGCOn[2:0]
PGCIn[1:0]
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
Reserved
This bit is read as 1. The write value should be 1.
6 to 4
PGCOn[2:0] Port group
operation
select
000: 0 is output when the event is input.
001: 1 is output when the event is input.
010: The toggled (inverted) value is output when the
event is input.
011: The buffer value is output when the event is
input.
1XX: The bit value is sifted out in the group (from
MSB to LSB) when the event is input.
R/W
3
Reserved
This bit is read as 1. The write value should be 1.
2
PGCOVEn
PDBF
overwrite
0: Overwriting PDBF is disabled.
1: Overwriting PDBF is enabled.
R/W
1, 0
PGCIn[1:0]
Event output
edge select
00: Event is generated upon detection of the rising
edge of the external input signal.
01: Event is generated upon detection of the falling
edge of the external input signal.
1X: Event is generated upon detection of both the
rising and falling edge of the external input
signal.
R/W
[Legend]
n:
1 or 2
X:
Don't care.
For the output port-group, PGC specifies the form of outputting the signal externally via the port
when the event signal is input. For the input port-group, PGC enables/disables overwriting of
PDBF and specifies the conditions of event generation (edge of the externally input signal).
The correspondence between PGR and ports is shown in table 12.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com