Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 422 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 422 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 418Page - Renesas Technology Corp H8S/20103 Datasheet HTML 419Page - Renesas Technology Corp H8S/20103 Datasheet HTML 420Page - Renesas Technology Corp H8S/20103 Datasheet HTML 421Page - Renesas Technology Corp H8S/20103 Datasheet HTML 422Page - Renesas Technology Corp H8S/20103 Datasheet HTML 423Page - Renesas Technology Corp H8S/20103 Datasheet HTML 424Page - Renesas Technology Corp H8S/20103 Datasheet HTML 425Page - Renesas Technology Corp H8S/20103 Datasheet HTML 426Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 992 page
background image
Section 12 Event Link Controller
Rev. 1.00 Oct. 03, 2008 Page 396 of 962
REJ09B0465-0100
12.3.7
Procedure for Linking Events
The following describes the procedure for linking events.
1. Set the operation of the module to which an event is to be linked.
2. To the ELSRn register corresponding to the module to which an event signal is to be linked,
set the number of the event signal.
3. If events are to be linked to timers, set the ELOPA to ELOPC registers corresponding to the
timers as required.
4. Set the ELCON bit in ELCR to 1, which enables linkage of all the events.
5. Set the operation of the module from which an event is output, and start the module. This
allows the event output from the module to start the module to which an event is linked as
specified.
6. To stop event linkage of some independent modules, set B'00000000 to the ELSn7 to ELSn0
bits in the ELSRn corresponding to the modules. To stop linkage of all the events, clear the
ELCON bit in ELCR to 0.
If events are linked to ports, set the registers corresponding to the ports as below.
 PDR: Set the initial values of the output ports.
 PCR: Set the I/O direction of the ports.
 PGR: If ports are used as a port-group, set the ports (in bit units) to be grouped.
 PGC: Set the operation of the port-group.
 PEL: If ports are used as single-ports, set the ports, the operation of the ports when an
event is input, and the condition when an event is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com